PART |
Description |
Maker |
LTC2854NBSP LTC2855NBSP |
3.3V 20Mbps RS485/RS422 Transceiver with Integrated Switchable Termination
|
Linear Technology
|
LTC2856-1 |
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
|
Linear Technology
|
LTC2856IDD-1 LTC2857IDD-1 LTC2858IDD-1 LTC2856HDD- |
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO10 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO10 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
|
Linear Technology, Corp.
|
MAX14938 |
2.75kVRMS Isolated 20Mbps Half-Duplex PROFIBUS
|
Maxim Integrated Produc...
|
ISL4485EIBZ-T ISL4485 ISL4485E ISL4485EIB ISL4485E |
±15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver(±15kV ESD防护, 20Mbps, 5V, 低功 RS-485/RS-422收发 【15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver ??5kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
|
INTERSIL[Intersil Corporation]
|
LTC1321CS LTC1321IN LTC1322 LTC1335C LTC1335CS LTC |
RS232/EIA562/RS485 Transceivers RS232/EIA562/RS485 Transceivers LINE TRANSCEIVER, PDIP24 RS232/EIA562/RS485 Transceivers RS232/EIA562/RS485收发 RS232/EIA562/RS485 Transceivers LINE TRANSCEIVER, PDSO24
|
Linear Technology Corporation Linear Technology, Corp.
|
RS485-C1AS RS485-C1UK RS485-C1US |
RS232/RS485 CONV (AS) RS232/RS485接口换(英国 RS232/RS485 CONV (UK) RS232/RS485 CONV (US)
|
|
ADM1486AR-REEL7 ADM1486ARZ1 ADM1486ARZ-REEL71 ADM1 |
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
|
Analog Devices
|
MAX14770EATA MAX14770EGSA MAX14770EGUA MAX14770E12 |
High-ESD Profibus RS-485 Transceiver
|
Maxim Integrated Products
|
ADM1486ARZ ADM1486ARZ-REEL ADM1486ARZ-REEL7 ADM148 |
5 V Low Power RS-485 PROFIBUS Transceiver
|
Analog Devices
|
DRL-DPS-SRM 1120260013 SD-112026-0013 |
Connect Profibus to Modbus Serial devices
|
Molex Electronics Ltd.
|
705-52-A-321 705-5100-F21 |
Enhanced Model 705 with PROFIBUS PA Digital Output
|
Magnetrol International, Inc.
|